PART |
Description |
Maker |
DC812A DC812A-15 |
SCH LTC2606CDD 16 BIT RAIL TO RAIL VOUT DAC I2C INTERFACE
|
Linear Technology
|
LTC2656CCFE-L16PBF LTC2656CCUFD-L16PBF LTC2656CIFE |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-QFN; Temperature Range: –40°C to 85°C
|
LINEAR TECHNOLOGY CORP
|
AD9502 AD9502AM AD9502BM AD9502CM AD9502RS-170 |
12-Bit Dual Rail-to-Rail with I2C Interface; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 85°C 混合RS - 170视频数字化仪 12-Bit Dual Rail-to-Rail with I2C Interface; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 85°C Hybrid RS-170 Video Digitizer
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX520/MAX521 |
Quad/Octal 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
|
Maxim Integrated Products, Inc.
|
MAX5258 MAX5258EEE MAX5259EEE |
3V/ 5V / Low-Power / 8-Bit Octal DACs with Rail-to-Rail Output Buffers
|
Maxim
|
LTC2656CIUFD-L16TRPBF |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology
|
LTC2625 LTC2605 LTC2615 LTC2605CGN LTC2605CGN-1 LT |
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
|
LINER[Linear Technology]
|
LTC2600CGNPBF LTC2600CGNTRPBF LTC2600CUFDPBF LTC26 |
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP SERIAL INPUT LOADING, 10 us SETTLING TIME, 16-BIT DAC, PQCC20 SERIAL INPUT LOADING, 7 us SETTLING TIME, 12-BIT DAC, PQCC20 SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PQCC20 Octal 12-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
|
LINEAR TECHNOLOGY CORP
|
LTC2605CGN-1PBF LTC2605CGN-1TRPBF LTC2605CGNPBF LT |
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP Octal 14-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO16 Octal 14-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 9 us SETTLING TIME, 14-BIT DAC, PDSO16
|
Linear Technology, Corp.
|
LTC2637HDE-HMI10PBF LTC2637HDE-HMI10TRPBF LTC2637H |
Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/°C Reference
|
Linear Technology
|
ST72521R7 ST72F521R7 ST72521AR7 |
Octal Buffers/Line Drivers With 3-State Outputs 24-SOIC -40 to 85 8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
|
意法半导 ST Microelectronics
|